Part Number Hot Search : 
CN1801 BFU730F MC10171 P6KE180A RM6003S2 UF3010 4VHC0 32900
Product Description
Full Text Search
 

To Download 8RDB-820M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radial Type Fixed Inductors
8RDB
Inductance Range: 10~470H
DIMENSIONS
8.1Max. 6.5Max. 3.0
5.0
0.5
9.0Max. 7.0Max. 3.0 1.0
5.0
with shield case
0.5
with shield case
(Unit: mm)
FEATURES
* Magnetically shielded construction and low leakage flux type. * 5mm-pitch, 2-terminal and low profile fixed inductor. * Ideal for use as an inductor for high current circuit in all types of electronic instruments. * RoHS compliant. * * 5mm * * RoHS 2
SELECTION GUIDE FOR STANDARD COILS TYPE 8RDB
(3)
Q Tolerance (%) 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 Q Min. 30 30 30 30 30 30 30 30 35 35 30 30 30 30 30
Q Q Test Frequency (kHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
(1)(2)
TOKO Part Number #8RDB-100M #8RDB-150M #8RDB-180M #8RDB-220M #8RDB-330M #8RDB-470M #8RDB-680M #8RDB-820M #8RDB-101M #8RDB-121K #8RDB-151K #8RDB-221K #8RDB-331K #8RDB-391K #8RDB-471K
Inductance Range (H) 10 15 18 22 33 47 68 82 100 120 150 220 330 390 470
(3)
Rated DC (1)(2) Current (A) 1.25 0.91 -- 0.82 0.51 0.47 0.33 -- 0.27 -- 0.24 0.22 0.18 -- 0.15
* Please inquire for detailed specifications.
(1) The rated DC current is that at which the inductance value decreases by 10% by the excitation with DC current, measured at 1kHz with a universal bridge or equivalent. (2) Rated DC current is for reference only. (3) Inductance test frequency at 1.0kHz.
(1) 1kHz (2) (3) 1.0kHz 10


▲Up To Search▲   

 
Price & Availability of 8RDB-820M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X